Part Number Hot Search : 
AJ40C CPC1727J WS090050 MTZJ18 HV238FG FR202G 40138 E2010
Product Description
Full Text Search
 

To Download MASW-008955 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASW-008955
GaAs SP3T Switch DC - 3.5 GHz
Features
* * * * * * * * Low Insertion Loss: 0.55 dB @ 2.45 GHz High P1dB: 35 dBm @ 2.6 V 0.5 micron GaAs pHEMT Process Lead-Free 2 mm 8-Lead PDFN Package Halogen-Free "Green" Mold Compound 260C Reflow Compatible Low gate lag for timing sensitive applications 1.8 V Operation with 1.8 V on Voltage Pull Up Rev. V2
Application Schematic
Description
M/A-COM's MASW-008955 is a GaAs pHEMT MMIC single pole three throw (SP3T) switch in a lead-free 2 mm 8-lead PDFN package. The MASW008955 is ideally suited for applications where low control voltage, low insertion loss, high isolation, small size, and low cost are required. Typical applications are for filter and antenna switching in WLAN or Bluetooth systems that connect separate receive functions to a common antenna This part can be used in all systems operating up to 3.5 GHz requiring low control voltage. The MASW-008955 is fabricated using a 0.5 micron gate length GaAs pHEMT process. The process features full passivation for performance and reliability.
Pin Configuration
Pin No. 1 2 3 4 5 6 7 8 Function RFC VP
3,4 3
Description RF In/Out Optional Voltage Pull Up Control 1 RF In/Out RF In/Out Control 2 Control 3 RF In/Out
V1
RF1 RF2 V2 V3
3 3
RF3
Ordering Information1,2
Part Number MASW-008955-TR1000 MASW-008955-TR3000 MASW-008955-001SMB Package 1000 piece reel 3000 piece reel Sample Test Board
3. Depending on system sensitivity optional DC line bypass capacitors (22 pF) may be used. 4. Improved linearity at low control voltage can be obtained by tying pin 2 to the most positive control voltage. Otherwise, leave pin 2 unconnected.
Absolute Maximum Ratings 5,6
Parameter Max Input Power (0.5-3.5 GHz, 2.6 V Control) RFC - RF1 RFC - RF2 RFC - RF3 |VHI-VLO| Operating Temperature Storage Temperature Absolute Maximum
35 dBm 31 dBm 31 dBm 8.5 volts -40C to +85C -65C to +150C
1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts.
5. Exceeding any one or combination of these limits may cause permanent damage to this device. 6. M/A-COM does not recommend sustained operation near these survivability limits. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-008955
GaAs SP3T Switch DC - 3.5 GHz
Electrical Specifications: TA = 25C, VC = 0 V / 2.6 V, Z0 = 50 7,9
Parameter Insertion Loss 8 Test Conditions 2.45 GHz, RFC - RF1 2.45 GHz, RFC - RF2 2.45 GHz, RFC - RF3 2.45 GHz, RFC - RF1 2.45 GHz, RFC - RF2 2.45 GHz, RFC - RF3 2.45 GHz Two Tone, +10 dBm/tone, 10 MHz Spacing, 2.45 GHz Two Tone, +10 dBm/tone, 10 MHz Spacing, 2.45 GHz 2.45 GHz (RF1), 2.6 V 2.45 GHz (RF2), 2.6 V 2.45 GHz (RF3), 2.6 V 2.45 GHz (RF1), 3 V 2.45 GHz (RF2), 3 V 2.45 GHz (RF3), 3 V 2.45 GHz (RF1), 2.6 V 2.45 GHz (RF2), 2.6 V 2.45 GHz (RF3), 2.6 V 2.45 GHz (RF1), 3 V 2.45 GHz (RF2), 3 V 2.45 GHz (RF3), 3 V 900 MHz, 2.6 V, +10 dBm 900 MHz, 2.6 V, +20 dBm 900 MHz, 3 V,+20 dBm 2.45 GHz, 2.6 V, +10 dBm 2.45 GHz, 2.6 V,+20 dBm 2.45 GHz, 3 V,+20 dBm 900 MHz, 2.6 V, +10 dBm 900 MHz, 2.6 V, +20 dBm 900 MHz, 3 V,+20 dBm 2.45 GHz, 2.6 V, +10 dBm 2.45 GHz, 2.6 V,+20 dBm 2.45 GHz, 3 V,+20 dBm 10% to 90% RF 90% to 10% RF 50% control to 90% RF 50% control to 10% RF 50% control to 100% RF |VC| = 2.6V Junction to case Units dB Min. -- -- -- 20 20 19 -- -- -- Typ. 0.55 0.6 0.6 22 22 20 20 54 98 29 25 25 32 28 28 35 31 31 36 34 34 -94 -75 -80 -86 -70 -99 -102 -80 -100 -94 -70 -78 25 14 30 26 4 -- -- 4 96 20 -- Max. 0.85 0.85 0.85 -- -- -- -- -- --
Rev. V2
Isolation Return Loss IP3 IP2
dB dB dBm dBm
P0.1dB
dBm
--
--
P1dB
dBm
--
--
2nd Harmonic
dBc
--
--
3rd Harmonic
dBc
--
--
Trise, Tfall Ton, Toff Gate Lag Control Current Thermal Resistance
7. 8. 9. 2
ns ns s A C/W
-- --
-- --
For positive control voltage, external DC blocking capacitors are required on all RF ports. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 100 pF for 100 - 500 MHz, 39 pF for 2.45 GHz. Specifications apply with no connection to pin 2 (VP).
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-008955
GaAs SP3T Switch DC - 3.5 GHz
Typical Performance Curves
Insertion Loss
0.0
Rev. V2
Isolation
-10 -15 -20
-0.2
RF1 RF2 RF3
-0.4
-25
-0.6
-30
-0.8
-35 -40 0.5
-1.0 1.0
1.5
2.0
2.5
3.0
3.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
Frequency (GHz)
Return Loss
-10
Input Return Loss (dB) Output Return Loss (dB)
Handling Procedures
Please observe the following precautions to avoid damage:
-15
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
-20
-25
-30
-35 0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
Truth Table 10,11,12
V1 1 0 0 V2 0 1 0 V3 0 0 1 RFC RF1 On Off Off RFC RF2 Off On Off RFC RF3 Off Off On
10. 0 = 0 V 0.2 V, 1 = 1.8 V to +5 V, minimum VHI-VLO = 1.8 V, maximum VHI-VLO = 8.5 V. 11. For use at low voltage, M/A-COM recommends connecting pin 2 to a voltage equal to the most positive control voltage. 12. Negative control voltage may be used. The `1' in the table would be the most positive (0 V) and the `0' would be the most negative (-3 V for example). 3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-008955
GaAs SP3T Switch DC - 3.5 GHz
Rev. V2
Lead Free 2 mm 8-lead PDFN
Reference Application Note S2083 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements. Plating is 100% matte tin over copper.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASW-008955

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X